Part Number Hot Search : 
UN1212 04365 4K7FKE36 24LC02B 013TR A2410 UPC2776T H2215C
Product Description
Full Text Search
 

To Download SL1010002-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet ametherm, inc . 3111 n. deer run road #4 carson city, nv 89701 telephone: (800) 808-2434 (775) 884-2434 fax: (775) 884-0670 www.ametherm.com part num ber: sl10 10002 ordering different lead types: for example: to order an inside kinked lead use part number sl10 10002- a electrical specifications: mechanical specifications: csa file number: #ca118061 revision date: november 19, 2004 inside kinked leads use -a after ametherm?s part # outside kinked leads use -b after ametherm?s part # re sistance @ 25c 10.0 ? 25% max steady state current up to 65 c 2.0 a max recommended en ergy rating ( j)/ max vac rating 10.0 j/ 250 a ctual failure point of instantane ous energy (joules) 30.0 j resistance @ 100% of max current 0.340 ? re sistance @ 50% of max current 0.600 ? body tem perature @ 100% current rating 124 c dissipation constant 9.4mw/c th ermal time constant 20 seconds material type ?c? max recommended capacitance @ 120vac/250vac 700f/ 135f d 9.40 0.5 mm t 4.30 0.5 mm lead diameter 0.8 0.03 mm s 5.10 0.3 mm l 38.0 9.0 mm straight lead coating run dow n 5.0 1.0 mm b 5.6 0.55 mm c 2.54 1.0 mm l outside kinked leads s straight leads b inside kinked leads s s d d d c t


▲Up To Search▲   

 
Price & Availability of SL1010002-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X